Part Number Hot Search : 
105C6 SB121 MMBZ469 BC174A KRA301 SPLSI DG302ACJ 1N4736AP
Product Description
Full Text Search
 

To Download 2SC4617 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
General purpose transistor 2SC4617
Transistors
SOT-523
+0.1 1.6-0.1
Unit: mm
Features
Low Cob : Cob=2.0pF (Typ.)
2
+0.1 1.0-0.1 +0.05 0.2-0.05
+0.01 0.1-0.01
1
+0.15 1.6-0.15
NPN silicon transistor
+0.05 0.8-0.05
+0.25 0.3-0.05
0.5
+0.1 -0.1
0.35
3
0.55
1. Base
+0.05 0.75-0.05 +0.1 0.8-0.1
2. Emitter 3. Collecter
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC PC Tj Tstg Rating 60 50 7 0.15 0.15 150 -55 to +150 Unit V V V A W
Electrical Characteristics Ta = 25
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cutoff current Emitter cutoff current DC current gain Collector-emitter saturation voltage Output capacitance Transition frequency Symbol VCBO VCEO VEBO ICBO IEBO hFE IC=50iA IC=1mA IE=50iA VCB=60V VEB=7V VCE=6V, IC=1mA 120 Testconditons Min 60 50 7 0.1 0.1 560 0.4 2 180 3.5 V pF MHz Typ Max Unit V V V A A
VCE(sat) IC/IB=50mA/5mA Cob fT VCE=12V, IE=0A, f=1MHz VCE=12V, IE=-2mA, f=100MHz
hFE Classification
Marking Rank hFE 120 BQ Q 270 180 BR R 390 270 BS S 560
www.kexin.com.cn
1
SMD Type
2SC4617
Typlcal Characteristics
Transistors
Fig.1 Grounded Emitter Propagation Characteristics
Fig.2 Grounded Emitter Output Characteristics
Fig.3 Grounded Emitter Output Characteristics
Fig.4 DC Current Gain vs. Collector Current
Fig.5 DC Current Gain vs. Collector Current
Fig. 6 Collector Emitter Saturation Voltage vs. Collector Current
Fig.7 Collector Emitter Saturation Voltage vs. Collector Current
Fig.8 Collector Emitter Saturation Voltage vs. Collector Current
Fig.9 Gain Bandwidth Product vs. Emitter Current
2
www.kexin.com.cn
SMD Type
2SC4617
Transistors
Fig.11 Base-Collector Time Constant
Fig.10 Collector Output Capacitance vs. Collector-Base Voltage Emitter Input Capacitance vs. Emitter-Base Voltage
vs. Emitter Current
www.kexin.com.cn
3


▲Up To Search▲   

 
Price & Availability of 2SC4617

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X